PART |
Description |
Maker |
173D225X0035V 173D225X0050W 173D225X0015U 173D225X |
Solid Tantalum Capacitors, Solid Electrolyte Tantalex, Axial Leaded, Molded Case, Standard Range Solid-Electrolyte TANTALEX Capacitors Axial-Leaded Molded-Case Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:30; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:18-30 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; Number of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle CONNECTOR ACCESSORY Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Aluminum Alloy; Series:SW3106; No. of Contacts:10; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female PT 30C 1#16,29#20 SKT PLUG PT 30C 1#16,29#20 SKT 插头 Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case 固态电解质TANTALEX电容,轴向引线,塑壳 LED PNL MT 7MM 6V CHROME RED 固态电解质TANTALEX电容,轴向引线,塑壳 OSC 5V SMT 7X5 CMOS PROGRM 固态电解质TANTALEX电容,轴向引线,塑壳 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; No. of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle 固态电解质TANTALEX电容,轴向引线,塑壳 Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
TC-350-CBG-156A-12.80 TC-350-DBG-256A-12.80 TC-350 |
From old datasheet system Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-12 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight PTSE 14C 4#16,8#20 PIN PLUG Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-12 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-12 Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-12 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:16-8 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 超薄TCXO的温度补偿晶体振荡器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:8; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 超薄TCXO的温度补偿晶体振荡器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 超薄TCXO的温度补偿晶体振荡器 PT 8C 8#20 SKT PLUG 超薄TCXO的温度补偿晶体振荡器 SISONIC 0-HEIGHT, 3.6V, SMD; Temp, op. min:-40(degree C); Temp, op. max:100(degree C); Pins, No. of:5; Case style:SMD; Termination Type:SMD; Temperature, operating range:-40(degree C) to 100(degree C) RoHS Compliant: Yes 超薄TCXO的温度补偿晶体振荡器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 超薄TCXO的温度补偿晶体振荡器 Low Profile TCXOs Temperature Compensated Crystal Oscillators 超薄TCXO的温度补偿晶体振荡器
|
http:// ETC[ETC] Vectron International, Inc Electronic Theatre Controls, Inc.
|
DF4-9PA-2R28 DF4-02P-2R26 DF4-02PA-2R26 DF4-03P-2R |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 CORD 18AWG 3COND SJT GRAY 2毫米间距连接器直接安装在董事 2mm Pitch Connector Directly Mounted on Board 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3106; Number of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-26 SIGN, SAFETY HELMETS MUST BE WORN, SAV; RoHS Compliant: NA SIGN, HAND PROTECT MUST BE WORN, RP; RoHS Compliant: NA RES 6.81K-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-0805 TR-7-PA ROHS
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
04820007ZXBF 04820007ZXPF 048200018ZXB 048200018ZX |
Blade Terminal & Special Purpose Fuses 刀片终 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT07; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle 刀片终 Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:12-8 刀片终 Paired Cable; Number of Conductors:16; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 刀片终 Circular Connector; Body Material:Aluminum Alloy; Series:KPSE06; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55 RoHS Compliant: No Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-12 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle CONNECTOR ACCESSORY Blade Terminal & Special Purpose Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
ADUC812BS ADUC812 |
Circular Connector; No. of Contacts:37; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:25-37 Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight RoHS Compliant: No MicroConverter? Multichannel 12-Bit ADC with Embedded FLASH MCU
|
Analog Devices, Inc.
|
04M0WC 04M0 04M0B 04M0BC 04M0D 04M0DC 04M0U 04M0UC |
PT 55C 55#20 PIN RECP 0.3 A, 4 ELEMENT, SILICON, SIGNAL DIODE PT02E SERIES (MS3112) ENVIRONMENTAL-RESISTING BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-55 INSERT ARRANGEMENT, RECEPTACLE GENDER, 55 CONTACTS Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female ; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Male Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 100V 300mA MONOLITHIC DIODE ARRAY
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
TC514400J TC514400J-10 TC514400J-80 TC514400Z-10 T |
1,048,576 x 4 BIT DYNAMIC RAM 1,048,576 × 4位动态随机存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket RoHS Compliant: No
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
PS2506 PS2506-1 PS2506-2 PS2506-4 PS2506L-1 PS2506 |
PT 61C 61#20 PIN PLUG Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:24-61 HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
NEC Corp. NEC[NEC]
|
SLD324ZT SLD324ZT-3 SLD324ZT-1 SLD324ZT-2 SLD324ZT |
Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:22-55 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT00; Number of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle High-Power Density 2W Laser Diode From old datasheet system
|
SONY[Sony Corporation]
|
BZV55 BZV55-C9V1 BZV55-A56 BZV55-B10 BZV55-B11 BZV |
ER 2C 2#12 PIN PLUG PT 26C 26#20 SKT RECP Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:16-26 Circular Connector; Body Material:Aluminum; Series:PT00; Number of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket From old datasheet system BZV55 series; Voltage regulator diodes
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
|